Part Number Hot Search : 
BZX79C11 UB209B MP401 2SA1576A RT3N55M A684M035 5253B 5544S
Product Description
Full Text Search
 

To Download A10003NZQE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  models available a series 1-4 pole rotary switches features/benefits ? multi-pole and multi-position ? positive detent ? shorting & non-shorting contacts ? panel and pcb mounting ? rohs compliant typical applications ? automotive ? major and small appliances ? industrial equipment specifications contact rating: q contact material: switch - 2.5 amps @ 125 v ac; 350 ma @ 125 v dc (ul/csa). carry - 5 amps continuous. see page l-6 for additional ratings. electrical life: 15,000 make-and-break cycles at full load up to 300,000 detent operations. contact resistance: below 20 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. operating and storage temp: -30oto 85? operating & storage temperature: -30o to 85? note: any models supplied with q, b or g contact material ar e rohs compliant. note: specifications and materials listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center . materials housing & bushing: glass filled 6/6 nylon (ul 94v-0). actuator: glass filled 6/6 nylon (ul 94v-0). movable contacts: q contact material: coin silver, silver plated. see page k-6 for additional contact materials. stationary contacts & terminals: q contact material: brass, silver plated. see page k-6 for additional contact materials. hardware: nut - zinc, nickel plated. lockwasher steel, bright zinc plated. stop ring - brass, nickel plated. terminal seal: epoxy. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages kC thr ough kC. for additional options not shown in catalog, consult customer service center . switch function a100 sp , 30 index, 12 pos. no stops a102 spdt , 30 index a103 sp, 30 index, 3 pos. a104 sp, 30 index, 4 pos. a105 sp, 30 index, 5 pos. a106 sp, 30 index, 6 pos. a107 sp, 30 index, 7 pos. a108 sp, 30 index, 8 pos. a109 sp, 30 index, 9 pos. a110 sp, 30 index, 10 pos. a112 sp, 30 index, 12 pos. a114 sp , 90 index, 2 pos. a115 sp, 45 index, 3 pos. a124 sp, 90 index, 4 pos. a125 sp , 45 index, 8 pos. a203 dp, 30 index, 3 pos. a204 dp, 30 index, 4 pos. a205 dp, 30 index, 5 pos. a206 dp, 30 index, 6 pos. a214 dp , 90 index, 2 pos. a303 3p, 30 index, 3 pos. a304 3p, 30 index, 4 pos. a402 4pdt , 30 index a403 4p, 30 index, 3 pos contact material q silver b gold g gold over silver actuator 15 1 .500" high, flatted 03 .375" high, fla tted 05 .500" high, flatted 14 1.500" high, flatted 42 1.654" high, metric s1 screwdriver slot shorting/ non-shorting contacts n non-shorting contacts s shorting contacts (not available with models a114, a124 & a214) t erminations z solder lug c pc thru-hole mc modular base seal none no seal e epoxy seal f splashproof bushing seal k epoxy & splashproof bushing seal mounting style r 3/8-32 threaded m m10 x .75 metric kC dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary
k rotary kC 4 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com a series 1-4 pole rotary switches switch function 3p models schema tic 4p models schematic dp models schema tic sp mo dels schematic 3p models terminal numbers 4p models sp models (omit terminals b, c & d) dp models (omit terminals b & d) t erminal num bers molded on bottom of housing. all t erminals 3 position a403 a,b,c,d,1,2,4,5,7, 8,10,11 4pdt a402 4p terminals switch function model no. no. poles 30oindexing a,1,2,4,5,7,8,10,11 8 position a125 a,1,2,4* 3 position a115 sp terminals switch function model no. no. poles 45oindexing a,c,1,4,7,10 2 position a214 dp a,1,4,7,10 4 position a124 a,1,4* 2 position a114 sp terminals switch function model no. no. poles 90oindexing note: * these models with ?r ?cteminations have additional terminal no. 9 as switch support only . this terminal is not connected electrically inside switch. all models with all options when ordered with ?r ??otact material, see page k-6. a, b ,c,1-12 4 po s ition a3 0 4 a, b ,c,1-3,5-7 9-11 3 po s ition a3 0 3 a, c ,1 - 12 6 po s ition a2 0 6 a, c ,1 - 5, 7 -11 5 po s ition a2 0 5 a, c ,1 - 4, 7 -10 4 po s ition a2 0 4 a, c ,1 - 3, 7 -9 3 po s ition a2 0 3 dp a, 1 -12 12 po s ition a1 1 2 a, 1 -10 10 po s ition a1 1 0 a, 1 -9 9 po s ition a1 0 9 a, 1 -8 8 po s ition a1 0 8 a, 1 -7 7 po s ition a1 0 7 a, 1 -6* 6 po s ition a1 0 6 a, 1 -5* 5 po s ition a1 0 5 a, 1 -4* 4 po s ition a1 0 4 a, 1 -3* 3 po s ition a1 0 3 a, 1 ,2* sp dt a1 0 2 a, 1 -12 12 po s ition no st o ps a1 0 0 sp te rmin als sw itc h functi on model no . no . poles 3 0o ind e xing 3p
kC dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary a series 1-4 pole rotary switches actuator mounting style shor ting/non-shor ting cont acts metric bushing panel mounting 3 / 8 in. bus hing panel mounting typical installation nut lockwasher maximum fo rce to push on knob should not e xceed 10 in./lbs. s shorting contacts (make-before-break) n non-shorting contacts (break-before-make) r 3/8-32 thread m m10 x .75 metric s1 screwdriver slot 42 1.654" metric 15 1.500" high 14 1.500" high 05 .500" high 03 .375" high install switch with stop ring (if used) and lockwasher in back of panel. tighten hex nut from front of panel. on pc mounted switches, use hex nut and lockwasher to hold stop ring in place. actuation tor que: 8C6 oz./in. maximum torque: 30 oz./in. note: ?horting contacts are not available with a114, a124 and a214 models. note: actuators shown in position 1, fully ccw .
k rotary kC 6 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com a series 1-4 pole rotary switches pc mounting 4p model sp model (omit terminals b, c & d) dp model (omit ter minals b & d) 3p model z solder lug mc modular base (for wave soldering) c pc thru-hole note: switches with ?r ?cteminations have additional terminal no. 9 as switch support only. this terminal is not connected electrically inside switch. solder and clean switch base on pc board with other components, then snap on housing/actuator assembly. see page k-7 for installation instructions. contact material terminations * note: see technical data section of this catalog for rohs compliant and compatible definition and specifications. 1 mov able cont acts: copper alloy , with gold plate over nickel plate. stationary contacts & terminals: brass, with gold plate over nickel plate. 2 movable contacts: coin silver, silver plated. stationary contacts & terminals: brass, silver plated (standard with all termination options). 3 movable contacts: coin silver, with gold plate over nickel plate over silver plate. stationary contacts & terminals: brass, with gold plate over nickel plate over silver plate. all models with all options when ordered with ?r ??otact material. note: ?ontact material is equivalent to both ??n ??cotct materials. note: any models supplied with q, b or g contact material ar e rohs compliant. co n t ac t an d option co d e te rmin al mater ial ra ti n g q sw it ch -2.5 a mps @ 125 v a c; 350 ma @ 125 v d c (ul/csa ) . car r y- 5 a m ps co nt in u ou s. low leve l/ d ry cir cu it b si l ver 2 po wer 0.4 va m ax . @ 2 0 v a c o r d c m a x low leve l/ d ry cir cu it or po we r g go ld 1 go ld over s i lver 3 0.4 va m ax . @ 2 0 v a c o r d c m a x. o r s w it c h-2.5 a m ps @ 1 25 v a c; 350 ma @ 1 25 v d c (ul/csa ). car r y- 5 a m ps co nt in u ou s .
kC dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary a series 1-4 pole rotary switches function a v ailable hardw are splashproof bus hing seal (fig. 1) (fig. 2) (fig. 3) removable clip locating ta b standoff k epoxy & splashproof bushing seal f splashproof bushing seal none no seal e epoxy seal stop ring p ar t no. 767b00201 material: brass finish: nickel plated setting stops on a112 and a125 models the number of switch positions is adjustable on a112 and a125 models only by means of a stop ring provided with each switch. the number of positions is pre-set on all other models and the stop ring is factory installed. soldering 1. insert switch base only into pc board. 2. do not bend terminals. 3. wave soldering recommended at 500f solder temperature. 4. hand solder at 500f , 10 sec. max./terminal. switch assembly 1. hold housing/shaft assembly by housing. remove pr otective cap by squeezing tabs and discar d. (fig. 1) 2. do not push on switch shaft. detent mechanism will come apart. 3. while holding switch housing, align locating tab on base with notch on housing and engage 4 housing latches in slots on base. (fig. 2) 4. push firmly on housing until latches snap in place. 5. remove clip from shaft and discard. assembly is complete. (fig. 3) cleaning 1. flux clean using vapor degreaser and forced rinse or triple bath method. 2. do not allow switch base to rap?luids. 3. freon tmc, tf or methylene chloride give excellent results. to set stops: turn shaft fully counter-clockwise and insert stop ring tab in desired hole. install lockwasher and nut to retain stop ring for both pc and panel mounting. switch without stop ring has 12 positions. soldering, cleaning and assembly instructions for c?ermination option


▲Up To Search▲   

 
Price & Availability of A10003NZQE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X